Part Number Hot Search : 
LA5540 18F26J53 KBPC101 CHDTA 2SD2704K CM8729 C3733 FSH10A09
Product Description
Full Text Search
 

To Download SC1660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SWITCHED CAPACITOR VOLTAGE CONVERTER
January 30, 1998
SC1660
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1660 is a monolithic CMOS switched capacitor voltage converter. Designed to be an improved direct replacement for the popular 7660, the SC1660 provides performance superior to previous designs by combining low quiescent current with high efficiency, and by eliminating diode drop voltage losses. The only required external components are two low cost electrolytic capacitors.
FEATURES * Improved direct replacement for 7660 * Easy to use * 1.5V to 9V operation * No external diode required * Simple conversion of +5V to 5V * Low quiescent current * High power efficiency * Boost pin for higher switching frequency
TEST CIRCUIT
APPLICATIONS * RS-232 power supplies * Handheld instruments * Data acquisition systems * Supply splitter, VOUT = VS/2 * Operational amplifier supplies
ORDERING INFORMATION
DEVICE
(1)
PACKAGE 8-Pin DIP SO-8
SC1660CN SC1660CS
Note: (1) Add suffix `TR' for tape and reel.
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Operating Temperature Range Storage Temperature Range Symbol V+ TA TSTG Maximum 9.0 -40 to 85 -65 to 125 Units V C C
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SWITCHED CAPACITOR VOLTAGE CONVERTER
January 30, 1998
SC1660
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = 25C, V+ = 5V, OSC = free running Parameter Input Voltage Supply Current Output Resistance Oscillator Frequency Pin 1=V+ Efficiency Voltage Conversion Efficiency Symbol V+ IS ROUT fOSC VOUT Conditions RL= RL= IL=20mA, fOSC = 10kHz RL= RL = 5K, fOSC = 10kHz RL= 96 98 Min 1.5 35 45 10 50 98 99.9 Typ Max 9 70 90 Units V A kHz % %
TYPICAL APPLICATIONS *
Negative Voltage Converter Figure 1 shows a typical connection which will provide a negative supply from an available positive supply without the need for any external diodes. The LV pin should be connected to ground for V+ 3V; for V+ > 3V it may be left floating. Voltage Doubling Figure 2 shows a method of voltage doubling. Doubling is achieved by simply rearranging the connection of the two external capacitors. An external 500k resistor is required to ensure the oscillator will start.
*
*
Ultra Precision Voltage Divider An ultra precision voltage divider is shown in Figure 3. To achieve the 0.0002% accuracy indicated, the load current should be kept below 100nA. However, with a slight loss in accuracy, the load current can be increased.
*
Battery Splitter A common need in many systems is to obtain positive and negative supplies from a single battery or power supply system. Where current requirements are small, the circuit shown in Figure 4 is a simple solution.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SWITCHED CAPACITOR VOLTAGE CONVERTER
January 30, 1998
SC1660
TYPICAL PERFORMANCE CHARACTERISTICS
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SWITCHED CAPACITOR VOLTAGE CONVERTER
January 30, 1998
SC1660
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
OUTLINE DRAWING - 8-PIN DIP
OUTLINE DRAWING - SO-8
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of SC1660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X